PART |
Description |
Maker |
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
5962-0420501HYC 5962-0420501HPA 5962-0420501HXA 59 |
0.5 Amp Output Current IGBT Gate Drive Optocoupler 0.5安培输出电流IGBT栅极驱动光电耦合 5962-0420501HYC · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HPA · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HXA · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HYA · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HPC · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5150-200 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5150-300 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5151-200 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5150-100 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5151-100 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
5962-0420401HPC 5962-0420401HYC 5962-0420401HYA HC |
2.0 Amp Output Current IGBT Gate Drive Optocoupler 2.0安培输出电流IGBT栅极驱动光电耦合 5962-0420401HPC · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HYA · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HYC · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HPA · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HXA · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121-300 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121-200 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120-300 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121-100 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120-100 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120-200 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler
|
Ecliptek, Corp. HIROSE ELECTRIC Co., Ltd. DB Lectro, Inc. Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
PMR400UN |
N-channel mTrenchMOS ultra low level FET Bench Power Supply; Output Voltage:32V; Output Current:3A; Calibrated:No; Line Regulation Constant Voltage:Less Than 0.1% 3 mV; Load Regulation Constant Current:Less Than 0.1% 2mA
|
NXP Semiconductors Philips Semiconductors
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|